PART |
Description |
Maker |
FAN5019 FAN5019MTC FAN5019MTCX FAN5019MPCX |
6-bit VID controller 2-4 phase VRM10.X controller. 2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller
|
Fairchild Semiconductor Corporation
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6561 ISL6561CR |
PWM Controller, 2-4 Phase, 6-Bit VID, Precision RDS(on), Reg ?.5% Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
|
INTERSIL[Intersil Corporation]
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
IR3230S IR3230SPBF IR3230STRPBF |
3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR The IR3230 is a three-phase brushless DC motor controller/driver with many integrated features.
|
International Rectifier
|
A3933 A3933SEQ 3933 |
THREE-PHASE POWER MOSFET CONTROLLER Three Phase Power MOSFET Controller DIODE SWITCHING SINGLE 75V 200mA-Io 350mW 4ns-trr SOT-23 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
ISL6334D ISL6334DCRZ ISL6334DIRZ |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil Corporation
|
LTC3737 LTC3737EGNPBF |
Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PDSO24 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
|
Linear Technology, Corp.
|
ADP3204 ADP3204JCP ADP3204JCP-REEL ADP3204JCP-REEL |
3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs Multi-phase IMVP-III Compliant Core Controller For Mobile Intel CPUs 3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs SWITCHING CONTROLLER, QCC32
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL8102IRZ INTERSILCORP-ISL8102CRZ-T |
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers SWITCHING CONTROLLER, PQCC32
|
Intersil, Corp.
|
FAN5019 FAN5019MTCX FAN5019MTC |
6-Bit VID Controller 2-4 Phase VRM10.X Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN5018B FAN5018BMTCX |
6-Bit VID Controller 2-4 Phase VR10.X Controller
|
Fairchild Semiconductor
|